Part Number Hot Search : 
2N7002K RS606 1510G R2000F 2SK134 ST211 A3010 2N2028
Product Description
Full Text Search
 

To Download HFCT-5611 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Agilent HFBR-5601/HFCT-5611 Gigabit Interface Converters (GBIC) for Gigabit Ethernet
Data Sheet
Features * Compliant with Gigabit Interface Converter specification Rev. 5.4 (1) * HFBR-5601 is compliant with proposed specifications for IEEE 802.3z/D5.0 Gigabit Ethernet (1000 Base-SX) * HFCT-5611 is compliant with the ANSI 100-SM-LC-L revision 2 10 km link specification * Performance: HFBR-5601: 500 m with 50/125 m MMF 220 m with 62.5/125 m MMF HFCT-5611: 550 m with 50/125 m MMF 550 m with 62.5/125 m MMF 10 km with 9/125 m SMF * Horizontal or vertical installation * AEL Laser Class 1 eye safe per IEC 60825-1 * AEL Laser Class I eye safe per US 21 CFR * Hot-pluggable Applications * Switch to switch interface * High speed I/O for file servers * Bus extension applications Related Products * 850 nm VCSEL, 1 x 9 and SFF transceivers for 1000 base SX applications (HFBR-53D5, HFBR-5912E) * 1300 nm, 1 x 9 Laser transceiver for 1000 base-LX applications (HFCT-53D5) * Physical layer ICs available for optical interface (HDMP-1636A/46A)
Description The HFBR-56xx/HFCT-56xx family of interface converters meet the Gigabit Interface Converter specification Rev. 5.4, an industry standard. The family provides a uniform form factor for a wide variety of standard connections to transmission media. The converters can be inserted or removed from a host chassis without removing power from the host system. The converters are suitable for interconnections in the Gigabit Ethernet hubs and switches environment. The design of these converters is also practical for other high performance, point-topoint communication requiring gigabit interconnections. Since the converters are hot-pluggable, they allow system configuration changes simply by plugging in a different type of converter.
The mechanical and electrical interfaces of these converters to the host system are identical for all implementations of the converter regardless of external media type. A 20-pin connector is used to connect the converter to the host system. Surge currents are eliminated by using pin sequencing at this connector and a slow start circuit. Two ground tabs at this connector also make contact before any other pins, discharging possible componentdamaging static electricity. In addition, the connector itself performs a two-stage contact sequence. Operational signals and power supply ground make contact in stage 1 while power makes contact in stage 2. The HFBR-5601 has been developed with 850 nm short wavelength VCSEL technology while the HFCT-5611 is based on 1300 nm long wavelength Fabry Perot laser technology.
The HFBR-5601 complies with Annex G of the GBIC specification Revision 5.4. In the 1000 BASE-SX environment the HFBR-5601 achieves 220 m transmission distance with 62.5 m and 500 m with 50 m multimode fiber respectively. The HFCT-5611 complies with Annex F of the GBIC specification Revision 5.4 and reaches 10 km with 9/125 m single mode fiber. Both the HFBR-5601 and the HFCT-5611 are Class 1 Eye Safe laser devices. Serial Identification The HFBR-56xx and HFCT-5611 family complies with Annex D (Module Definition 4) of the GBIC specification Revision 5.4, which defines the Serial Identification Protocol. Definition 4 specifies a serial definition protocol. For this definition, upon power up, MOD_DEF(1:2) (Pins 5 and 6 on the 20-pin connector) appear as NC. Pin 4 is TTL ground. When the host system detects this condition, it activates the public domain serial protocol. The protocol uses the 2-wire serial CMOS E2PROM protocol of the ATMEL AT24C01A or similar. The data transfer protocol and the details of the mandatory and vendor specific data structures are defined in Annex D of the GBIC specification Revision 5.4.
Regulatory Compliance See the Regulatory Compliance Table for the targeted typical and measured performance for these transceivers. The overall equipment design will determine the level it is able to be certified to. These transceiver performance targets are offered as a figure of merit to assist the designer in considering their use in equipment designs. Electrostatic Discharge (ESD) There are two design cases in which immunity to ESD damage is important. The first case is during handling of the transceiver prior to inserting it into the host system. It is important to use normal ESD handling precautions for ESD sensitive devices. These precautions include using grounded wrist straps, work benches, and floor mats in ESD controlled areas. The second case to consider is static discharges during insertion of the GBIC into the host system. There are two guide tabs integrated into the 20-pin connector on the GBIC. These guide tabs are connected to circuit ground. When the GBIC is inserted into the host system, these tabs will engage before any of the connector pins. The mating connector in the host system must have its tabs connected to circuit ground. This discharges any stray static charges and establishes a reference for the power supplies that are sequenced later.
Electromagnetic Interference (EMI) Most equipment designs utilizing these high-speed transceivers from Agilent will be required to meet the requirements of FCC in the United States, CENELEC EN55022 (CISPR 22) in Europe and VCCI in Japan. Immunity Equipment utilizing these transceivers will be subject to radio-frequency electromagnetic fields in some environments. These transceivers have good immunity to such fields due to their shielded design. Eye Safety Laser-based GBIC transceivers provide Class 1 (IEC 60825-1) and Class I (US 21 CFR[J]) laser eye safety by design. Agilent has tested the current transceiver design for compliance with the requirements listed below under normal operating conditions and for compliance under single fault conditions. Outline Drawing An outline drawing is shown in Figure 1. More detailed drawings are shown in Gigabit Interface Converter specification Rev. 5.4.
Note: HFBR-5601 is non-compliant for Tx fault timing.
2
GBIC Serial ID Memory Contents - HFBR-5601
Addr 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39
Hex 1 7 1 0 0 0 1 0 0 0 0 1 0D 0 0 0 32 16 0 0 41 47 49 4C 45 4E 54 20 20 20 20 20 20 20 20 20 0 00 30 D3
ASCII
A G I L E N T
Addr 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67
Hex 48 46 42 52 2D 35 36 30 31 20 20 20 20 20 20 20 30 30 30 30 0 0 0 74 0 1A 0 0
ASCII H F B R 5 6 0 1
0 0 0 0
Addr 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95
Hex 39 38 30 36 32 33 30 33 32 38 33 34 33 37 33 30 39 38 30 36 32 33 30 30 0 0 0 F3
ASCII 9 8 0 6 2 3 0 3 2 8 3 4 3 7 3 0 9 8 0 6 2 3 0 0
Addr 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127
Hex 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
ASCII
Note: Blanks in ASCII column are numeric values not ASCII characters.
3
GBIC Serial ID Memory Contents - HFCT-5611
Addr 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 Hex 1 6 1 0 0 0 2 0 0 0 0 1 0D 0 0 64 37 37 0 0 41 47 49 4C 45 4E 54 20 20 20 20 20 20 20 20 20 0 00 30 D3 A G I L E N T ASCII Addr 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 Hex 48 46 43 54 2D 35 36 31 31 20 20 20 20 20 20 20 30 30 30 30 0 0 0 3 0 1A 0 0 ASCII H F C T 5 6 1 1 Addr 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 Hex 39 38 30 36 32 33 30 33 34 32 30 39 34 32 39 30 39 38 30 36 32 33 30 30 0 0 0 F3 ASCII 9 8 0 6 2 3 0 3 4 2 0 9 4 2 9 0 9 8 0 6 2 3 0 0 Addr 96 97 98 99 100 101 102 103 104 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 Hex 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 ASCII
0 0 0 0
Note: Blanks in ASCII column are numeric values not ASCII characters.
4
Figure 1. Outline Drawing of HFBR-5601 and HFCT-5611.
5
Optical Power Budget and Link Penalties The worst-case Optical Power Budget (OPB) in dB for a fiber optic link is determined by the difference between the minimum transmitter output optical power (dBm avg) and the lowest receiver sensitivity (dBm avg). This OPB provides the necessary optical signal range to establish a working fiber-optic link. The OPB is allocated for the fiber-optic cable length and the corresponding link penalties. For proper link performance, all penalties that affect the link performance must be accounted for within the link optical power budget. The Gigabit/sec Ethernet (GbE) IEEE 802.3z standard identifies, and has modeled, the contributions of these OPB penalties to establish the link length requirements for 62.5/125 m and 50/125 m multimode fiber usage. In addition, single-mode fiber with standard Regulatory Compliance
1300 nm Fabry Perot lasers have been modeled and specified. Refer to IEEE 802.3z standard and its supplemental documents that develop the model, empirical results and final specifications. 10 km Link Support As well as complying with the LX 5 km standard, the HFCT-56xx specification provides additional margin allowing for a 10 km Gigabit Ethernet link on single mode fiber. This is accomplished by limiting the spectral width and center wavelength range of the transmitter while increasing the output optical power and improving sensitivity. All other LX cable plant recommendations should be followed. CAUTION: There are no user serviceable parts nor any maintenance required for the HFBR-56xx and HFCT-56xx product family. All adjustments are made at the
factory before shipment to our customers. Tampering with or modifying the performance of any Agilent GBIC unit will result in voided product warranty. It may also result in improper operation of the circuitry, and possible overstress of the semiconductor components. Device degradation or product failure may result. Connection of either the HFBR-5601 or the HFCT-5611 to a non-approved optical source, operating above the recommended absolute maximum conditions, or operating in a manner inconsistent with unit design and function, may result in hazardous radiation exposure and may be considered an act of modifying or manufacturing a laser product. The person(s) performing such an act is required by law to recertify the laser product under the provisions of US 21 CFR (Subchapter J).
Feature Electrostatic Discharge (ESD) to the Electrical Pins Electrostatic Discharge (ESD) to the Duplex SC Receptacle Electromagnetic Interference (EMI)
Test Method MIL-STD-883C Method 3015.4 Variation of IEC 801-2
Targeted Performance Class 1 (>2000 V)
Immunity
FCC Class B CENELEC EN55022 Class B (CISPR 22A) VCCI Class 1 Variation of IEC 801-3
Typically withstand at least 15 kV without damage when port is contacted by a Human Body Model probe. Margins are dependent on customer board and chassis design.
Laser Eye Safety
US 21 CFR, Subchapter J per paragraphs 1002.10 and 1002.12 EN 60825-1: 1994+A11 EN 60825-2: 1994 EN 60950: 1992+A1+A2+A3
Component Recognition
Underwriters Laboratories and Canadian Standards Association Joint Component Recognition for Information Technology Equipment Including Electrical Business Equipment.
Typically show no measurable effect from a 10 V/m field swept from 27 to 1000 MHz applied to the transceiver without a chassis enclosure AEL Class I, FDA/CDRH HFBR-5601 Accession No. 9720151-04 HFCT-5611 Accession No. 9521220-16 AEL Class 1, TUV Rheinland of North America HFBR-5601 Certificate No. R9771018-7 HFCT-5611 Certificate No. 933/51083 Protection Class III UL File E173874 (Pending)
6
20-Pin SCA-2 Host Connector Characteristics Table 1. SCA-2 Host connector pin assignment
Pin 1 2 3 4 5 6 7 8 9 10
Name RX_LOS RGND RGND MOD_DEF(0) MOD_DEF(1) MOD_DEF(2) TX_DISABLE* TGND TGND TX_FAULT
Sequence 2 2 2 2 2 2 2 2 2 2
Pin 11 12 13 14 15 16 17 18 19 20
Name RGND -RX_DAT +RX_DAT RGND VDDR VDDT TGND +TX_DAT -TX_DAT TGND
Sequence 1 1 1 1 2 2 1 1 1 1
Notes: A sequence value of 1 indicates that the signal is in the first group to engage during plugging of a module. A sequence value of 2 indicates that the signal is the second and last group. The two guide pins integrated on the connector are connected to TGND. These two guide pins make contact with circuit ground prior to Sequence 1 signals. * This pin is tied high via 10 K pull-up resistor.
Table 2. Signal Definition
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 Signal Name RX_LOS RGND RGND MOD_DEF(0) MOD_DEF(1) MOD_DEF(2) TX_DISABLE TGND TGND TX_FAULT RGND -RX_DAT +RX_DAT RGND VDDR VDDT TGND +TX_DAT -TX_DAT TGND Input/Output Output Description Receiver Loss of Signal, TTL High, open collector Receiver Ground Receiver Ground TTL Low SCL Serial Clock Signal SDA Serial Data Signal Transmit Disable Transmitter Ground Transmitter Ground Transmit Fault Receiver Ground Received Data, Differential PECL, ac coupled Received Data, Differential PECL, ac coupled Receiver Ground Receiver +5 V supply Transmitter +5 V supply Transmitter Ground Transmit Data, Differential PECL, ac coupled Transmit Data, Differential PECL, ac coupled Transmitter Ground
Output Input Input/Output Input
Output Output Output Input Input Input Input
Table 3. Module Definition
Defntn. 4 MOD_DEF(0) Pin 4 TTL Low MOD_DEF(1) Pin 5 SCL MOD_DEF(2) Pin 6 SDA Interpretation by host Serial module definition protocol
Note: All Agilent GBIC modules comply with Module Definition 4 of the GBIC specification Rev 5.4
7
Short Wavelength GBIC: HFBR-5601 Transmitter Section The transmitter section consists of an 850 nm VCSEL in an optical subassembly (OSA), which mates to the fiber cable. The VCSEL OSA is driven by a custom, silicon bipolar IC which converts differential logic signals into an analog Laser Diode drive current. Receiver Section The receiver includes a GaAs PIN photodiode mounted together with a custom, silicon bipolar transimpedance preamplifier IC, in an OSA. The OSA interfaces to a custom silicon bipolar circuit Absolute Maximum Ratings
that provides post-amplification and quantization. The postamplifier includes a Signal Detect circuit that provides TTL compatible logic-low output in response to the detection of a usable input optical signal. Eye Safety Design The laser driver is designed to be Class 1 eye safe (CDRH21 CFR(J), IEC 60825-1) under a single fault condition. To be eye safe, only one of two results can occur in the event of a single fault. The transmitter must either maintain normal eye safe operation or the transmitter should be disabled.
There are three key elements to the safety circuitry: a monitor diode, a window detector circuit, and direct control of the laser bias. The window detection circuit monitors the average optical power using the monitor diode. If a fault occurs such that the dc regulation circuit cannot maintain the preset bias conditions within 20%, the transmitter will automatically be disabled. Once this has occurred, an electrical power reset will allow an attempted turn-on of the transmitter. TX_FAULT can also be cleared by cycling TX_DISABLE high for a time interval >10 s.
Stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. Limits apply to each parameter in isolation, all other parameters having values within the recommended operating conditions. It should not be assumed that limiting values of more than one parameter can be applied to the product at the same time. Exposure to the absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter Storage Temperature Supply Voltage Data Input Voltage Transmitter Differential Input Voltage Relative Humidity
Recommended Operating Conditions
Symbol TS VDDT VDDR TX_DAT TX_DAT RH
Min. -40 -0.5 -0.5
Typ.
Max. +85 6.0 VDDT 2000 95
Unit C V V mV p-p %
Notes
1
5
Parameter Ambient Operating Temperature Case Temperature Supply Voltage Supply Current
Transceiver Electrical Characteristics (TA = 0C to +60C, VCC = 4.75 V to 5.25 V)
Parameter Surge Current Power Dissipation
Symbol TA TCASE VDDT VDDR ITX + IRX
Min. 0 4.75
Typ.
5.0 200
Max. +60 +75 5.25 300
Unit C C V mA
Notes 2
3
Symbol ISURGE PDISS
Min.
Typ. 1.00
Max. +30 1.58
Unit mA W
Notes 4 5
Notes: 1. Up to applied VDDT. 2. See Figure 1 for measurement point. 3. Maximum current is specified at V CC = maximum @ maximum operating temperature and end of life. 4. Hot plug above actual steady state current. 5. Total TX + R X.
8
HFBR-5601 Transmitter Electrical Characteristics (TA = 0C to +60C, VCC = 4.75 V to 5.25 V
Parameter Transmitter Differential Input Voltage Transmit Fault Load TX-DISABLE Assert Time TX_DISABLE Negate Time Time to initialize, includes reset of TX_FAULT TX_FAULT from fault to assertion TX_DISABLE time to start reset Symbol TX_DAT TX_FAULTLoad t_off T-on t_init t_fault t_reset Min. 650 4.7 Typ. Max. 2000 10 10 1 300 7 10 Unit mV p-p kW sec msec msec msec sec Notes 1 2 3 4 5 6
Receiver Electrical Characteristics (TA = 0C to +60C, VCC = 4.75 V to 5.25 V)
Parameter Receiver Differential Output Voltage Receiver Output Rise Time Receiver Output Fall Time Receiver Loss of Light Load Receiver Loss of Signal Output Voltage - Low Receiver Loss of Signal Output Voltage - High Receiver Loss of Signal Assert Time Logic low to high Receiver Loss of Signal Deassert Time - Logic high to low Symbol RX_DAT trRX_DAT tfRX_DAT RX_LOSLoad RX_LOSL RX_LOSH tA,RX_LOS tD,RX_LOS Min. 370 Typ. 0.25 0.25 4.7 0.0 VCC -0.5 Max. 2000 0.35 0.35 10 0.5 VCC +0.3 100 100 Unit mV p-p ns ns kW V V s s Notes 7 7 1
Notes: 1. Pull-up resistor on host V CC . 2. Rising edge of TX_DISABLE to fall of output signal below 10% of nominal. 3. Falling edge of TX_DISABLE to rise of output signal above 90% of nominal. 4. From power on or hot plug after VDDT >4.75 V or From negation of TX_DISABLE during reset of TX_FAULT. 5. From occurrence of fault (output safety violation or VDDT <4.5 V). 6. TX_DISABLE HIGH before TX_DISABLE set LOW. 7. 20 - 80% values.
9
HFBR-5601 Transmitter Optical Characteristics (TA = 0C to +60C, VCC = 4.75 V to 5.25 V)
Parameter Output Optical Power 50/125 m, NA = 0.20 fiber Output Optical Power 62.5/125 m, NA = 0.275 fiber Optical Extinction Ratio Center Wavelength Spectral Width - rms Optical Rise/Fall Time RIN12 Total Contributed Jitter Coupled Power Ratio Max. Pout TX_DISABLE Asserted Symbol PO PO Min. -9.5 -9.5 9 830 Typ. Max. -4 -4 Unit dBm avg. dBm avg. dB nm nm rms ns dB/Hz ps p-p dB dBm Notes
lC tr/tf TJ CPR POFF
850
860 0.85 0.26 -117 227 -35
1, 4 and Figure 2
9
Receiver Optical Characteristics (TA = 0C to +60C, VCC = 4.75 V to 5.25 V)
Parameter Input Optical Power Operating Center Wavelength Return Loss Receiver Loss of Signal - TTL Low Receiver Loss of Signal - TTL High Stressed Receiver Sensitivity 62.5 m fiber 50 m fiber Stressed Receiver Eye Opening @TP4 Electrical 3 dB Upper Cutoff Frequency
Symbol PIN lC PRX_LOS A PRX_LOS D
Min. -17 770 12
Typ. -22
Max. 0 860
-23 -31 -26
-17
Unit dBm avg. nm dB dBm avg. dBm avg. dBm dBm ps MHz
Notes 2
-12.5 -13.5 201 1500
3 3
Notes: 1. 20 - 80 values. 2. Modulated with 2 7-1 PRBS pattern. Results are for a BER of IE-12. 3. Tested in accordance with the conformance testing requirements of IEEE802.3z. 4. Laser transmitter pulse response characteristics are specified by an eye diagram (Figure 2).
1.3 1.0 0.8 0.5 0.2 0 -0.2 0 0.22 0.375 0.625 NORMALIZED TIME 0.78 1.0
NORMALIZED AMPLITUDE
0000000 000000000000 0000000 0000000 000000000000 0000000 0000000 000000000000 0000000 0000000 000000000000 0000000 0000000 000000000000 0000000 0000000 000000000000 0000000 0000000 000000000000 0000000 000000000000 0000000 0000000 0000000 000000000000 0000000 0000000 000000000000 0000000 0000000 000000000000 0000000 0000000 000000000000 0000000 0000000 000000000000 0000000
Figure 2. Transmitter Optical Eye Diagram Mask
10
Long Wavelength GBIC: HFCT-5611 Transmitter Section The transmitter section consists of a 1300 nm MQW Fabry Perot Laser in an optical subassembly (OSA), which mates to the fiber optic cable. The Laser OSA is driven by a custom, silicon bipolar IC which converts differential PECL logic signals (ECL referenced to a +5 V supply) into an analog drive current to the laser. The laser driver IC incorporates temperature compensation and feedback from the OSA to maintain constant output power and extinction ratio over the operating temperature range. Absolute Maximum Ratings
Receiver Section The receiver includes a PIN photodiode mounted together with a custom, silicon bipolar transimpedance preamplifier IC, in an OSA. The OSA interfaces to a custom silicon bipolar circuit that provides post-amplification and quantization. The postamplifier includes a Signal Detect circuit that provides TTL compatible logic-low output in response to the detection of a usable input optical signal. Eye Safety Design The laser driver is designed to be Class 1 eye safe (CDRH21 CFR(J), IEC 60825-1) under a single fault condition.
There are three key elements to the safety circuitry: a monitor diode, a window detector circuit, and direct control of the laser bias. The window detection circuit monitors the average optical power using the photo diode in the laser OSA. If a fault occurs such that the dc bias circuit cannot maintain the preset conditions within 20%, TX_FAULT (Pin 10) will be asserted (high). Note: Under any single fault, the laser optical output power will remain within Class 1 eye safe limits.
Stresses in excess of the absolute maximum ratings can cause catastrophic damage to the device. Limits apply to each parameter in isolation, all other parameters having values within the recommended operating conditions. It should not be assumed that limiting values of more than one parameter can be applied to the product at the same time. Exposure to the absolute maximum ratings for extended periods can adversely affect device reliability.
Parameter Storage Temperature Supply Voltage Data Input Voltage Transmitter Differential Input Voltage Relative Humidity
Recommended Operating Conditions
Symbol TS VDDT VDDR TX_DAT TX_DAT RH
Min. -40 -0.5 -0.5
Typ.
Max. +85 6.0 VDDT 2000 95
Unit C V V mV p-p %
Notes
5
Parameter Ambient Operating Temperature Case Temperature Supply Voltage Supply Current
Symbol TA TCASE VDDT VDDR ITX + IRX
Min. 0 4.75
Typ.
5.0 200
Max. +60 +75 5.25 300
Unit C C V mA
Notes 1
2
Transceiver Electrical Characteristics (TA = 0C to +60C, VCC = 4.75 V to 5.25 V)
Parameter Surge Current Power Dissipation Symbol ISURGE PDISS Min. Typ. 1.00 Max. +30 1.58 Unit mA W Notes 3 4
Notes: 1. See Figure 1 for measurement point. 2. Maximum current is specified at V CC = maximum @ maximum operating temperature and end of life. 3. Hot plug above actual steady state current. 4. Total T X + RX.
11
HFCT-5611 Transmitter Electrical Characteristics (TA = 0C to +60C, VCC = 4.75 V to 5.25 V)
Parameter Transmitter Differential Input Voltage Tranmit Fault Load Transmit Fault Output - Low Transmit Fault Output - High TX_DISABLE Assert Time TX_DISABLE Negate Time Time to initialize, includes reset of TX_FAULT TX_FAULT from fault to assertion TX_DISABLE time to start reset Symbol TX_DAT TX_FAULTLoad TX_FAULTL TX_FAULTH t_off t_on t_init t_fault t_reset Min. 650 4.7 0.0 VCC -0.5 Typ. Max. 2000 10 0.5 VCC +0.3 10 1 300 100 Unit mV p-p kW v v sec msec msec sec sec Notes 1
3 0.5 30 20 10
2 3 4 5 6
Receiver Electrical Characteristics (TA = 0C to +60C, VCC = 4.75 V to 5.25 V)
Parameter Receiver Differential Output Voltage Receiver Output Rise Time Receiver Output Fall Time Receiver Loss of Light Load Receiver Loss of Signal Output Voltage - Low Receiver Loss of Signal Output Voltage - High Receiver Loss of Signal Assert Time (off to on) Receiver Loss of Signal Deassert Time (on to off) Symbol RX_DAT trRX_DAT tfRX_DAT RX_LOSLoad RX_LOSL RX_LOSH tA,RX_LOS tD,RX_LOS Min. 370 Typ. Max. 2000 0.35 0.35 10 0.5 VCC +0.3 100 100 Unit mV p-p ns ns kW V V s s Notes 7 7 1
4.7 0.0 VCC -0.5
Notes: 1. Pull-up resistor on host V CC . 2. Rising edge of TX_DISABLE to fall of output signal below 10% of nominal. 3. Falling edge of TX_DISABLE to rise of output signal above 90% of nominal. 4. From power on or hot plug after VDDT >4.75 V or From negation of TX_DISABLE during reset of TX_FAULT. 5. From occurrence of fault (output safety violation or VDDT <4.5 V). 6. TX_DISABLE HIGH before TX_DISABLE set LOW. 7. 20 - 80% values.
12
HFCT-5611 Transmitter Optical Characteristics (TA = 0C to +60C, VCC = 4.75 V to 5.25 V)
Parameter Output Optical Power 9/125 m SMF 62.5/125 m MMF 50/125 m MMF Optical Extinction Ratio Center Wavelength Spectral Width - rms Optical Rise/Fall Time RIN12 Total Contributed Jitter Coupled Power Ratio Max. Pout TX_DISABLE Asserted Symbol PO Min. -9.5 -11.5 -11.5 9 1285 Typ. -7 Max. -3 -3 -3 1343 2.8 0.26 -116 227 -35 Unit dBm dBm dBm dB nm nm rms ns dB/Hz ps p-p dB dBm Notes
lC tr/tf TJ CPR POFF
1310
1, 4 and Figure 2
9
Receiver Optical Characteristics (TA = 0C to +60C, VCC = 4.75 V to 5.25 V)
Parameter Input Optical Power Operating Center Wavelength Return Loss Receiver Loss of Signal - TTL Low Receiver Loss of Signal - TTL High Stressed Receiver Sensitivity Stressed Receiver Eye Opening @TP4 Electrical 3 dB Upper Cutoff Frequency Symbol PIN lC PRX_LOS A PRX_LOS D Min. -20 1270 12 -31 -14.4 201 1500 Typ. -25 Max. -3 1355 -20 Unit Notes dBm avg. 2 nm dB dBm avg. dBm avg. dBm 3 ps 3 MHz
-28
Notes: 1. 20 - 80% values. 2. Modulated with 27-1 PRBS pattern. Results are for a BER of IE-12. 3. Tested in accordance with the conformance testing requirements of IEEE802.3z. 4. Laser transmitter pulse response characteristics are specified by an eye diagram (Figure 2).
13
www.agilent.com/ semiconductors
For product information and a complete list of distributors, please go to our web site. For technical assistance call: Americas/Canada: +1 (800) 235-0312 or (408) 654-8675 Europe: +49 (0) 6441 92460 China: 10800 650 0017 Hong Kong: (+65) 6271 2451 India, Australia, New Zealand: (+65) 6271 2394 Japan: (+81 3) 3335-8152(Domestic/ International), or 0120-61-1280(Domestic Only) Korea: (+65) 6271 2194 Malaysia, Singapore: (+65) 6271 2054 Taiwan: (+65) 6271 2654 Data subject to change. Copyright (c) 2002 Agilent Technologies, Inc. Obsoletes: 5988-0537EN July 29, 2002 5988-7407EN


▲Up To Search▲   

 
Price & Availability of HFCT-5611

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X